Part Number Hot Search : 
IECNH3 HC40600 MSP3425G S78L10 MPX4101 4U150S CAT51 PIC16
Product Description
Full Text Search
 

To Download 41662-A12A501 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 03/22/2010 please check www.molex.com for latest part information part number: 0026482122 status: active description: 3.96mm (.156") pitch kk? header, breakaway, right angle, 12 circuits, gold (au) plating documents: 3d model product specification ps-08-50 (pdf) packaging specification (pdf) rohs certificate of compliance (pdf) drawing (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 41662 application board-to-board, wire-to-board product name kk? physical breakaway yes circuits (loaded) 12 circuits (maximum) 12 color - resin black durability (mating cycles max) 50 first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part none material - metal brass material - plating mating gold material - resin polyester number of rows 1 orientation right angle pc tail length (in) 0.184 in pc tail length (mm) 4.67 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type bag pitch - mating interface (in) 0.156 in pitch - mating interface (mm) 3.96 mm polarized to mating part yes polarized to pcb no shrouded partial stackable no temperature range - operating 0c to +75c termination interface: style through hole electrical current - maximum per contact 7a voltage - maximum 250v series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 41662 series mates with 2139 , 2145 , 6442 , 7674 , 7675 , 41695 , 41815
solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 235 material info old part number 41662-A12A501 reference - drawing numbers product specification ps-08-50 sales drawing sd-41662-001 this document was generated on 03/22/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 41662-A12A501

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X